Part Number Hot Search : 
PDMB600 B105J MB39A112 TC642 ATION D5000 4VHC2 1206L
Product Description
Full Text Search
 

To Download MMBZ5229AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBZ5229AW SERIES
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
4.3 to 51 Volts
POWER
200 mWatts
SOT-323
Unit: inch (mm)
FEATURES
* 200mW Power Dissipation * Ideally Suited for Automated Assembly Processes * Pb free product : 99% Sn above can meet RoHS environment substance diective request
.056(1.40) .047(1.20) .006(.15) .002(.05)
.004(.10)MIN.
* Planar Die construction
.087(2.2) .070(1.8) .054(1.35) .045(1.15)
MECHANICAL DATA
* Case: SOT-323, Molded Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below * Approx. Weight: 0.0048 grams * Mounting Position: Any
.004(.10)MAX.
.016(.40) .078(.20)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter Power Dissipation @ TA = 25O C(Note A) Operating Junction and StorageTemperature Range
Symbol PD TJ
Value 200 -55 to +150
.044(1.1) .035(0.9)
Units
mW
O
C
NOTES: A. Mounted on 5.0mm 2(.013mm thick) land areas.
STAD-JAN.10.2006
.087(2.2) .078(2.0)
PAGE . 1
MMBZ5229AW SERIES
Nominal Zener Voltage Part Number No m. V MMBZ5229AW MMBZ5230AW MMBZ5231AW MMBZ5232AW MMBZ5234AW MMBZ5235AW MMBZ5236AW MMBZ5237AW MMBZ5239AW MMBZ5240AW MMBZ5241AW MMBZ5242AW MMBZ5243AW MMBZ5244AW MMBZ5245AW MMBZ5246AW MMBZ5247AW MMBZ5248AW MMBZ5250AW MMBZ5251AW MMBZ5252AW MMBZ5254AW MMBZ5255AW MMBZ5256AW MMBZ5257AW MMBZ5258AW MMBZ5259AW MMBZ5260AW MMBZ5261AW MMBZ5262AW 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 20 22 24 27 28 30 33 36 39 43 47 51 VZ @ IZT M i n. V 4.21 4.61 5.00 5.49 6.08 6.66 7.35 8.04 8.92 9.80 10.78 11.76 12.74 13.72 14.70 15.68 16.66 17.64 19.60 21.56 23.52 26.46 27.44 29.40 32.34 35.28 38.22 42.14 46.06 49.98 M a x. V 4.39 4.79 5.20 5.71 6.32 6.94 7.65 8.36 9.28 10.20 11.22 12.24 13.26 14.28 15.30 16.32 17.34 18.36 20.40 22.44 24.48 27.54 28.56 30.60 33.66 36.72 39.78 43.86 47.94 52.02 22 19 17 11 7 5 6 8 10 17 22 30 13 15 16 17 19 21 25 29 33 41 44 49 58 70 80 93 105 125 Max. Zener Impedance ZZT @ IZT mA 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 9.5 9.0 8.5 7.8 7.5 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 ZZK @ IZK mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 A 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 Max Reverse Leakage Current IR @ VR V 1.0 2.0 2.0 3.0 4.0 5.0 6.0 6.0 6.5 8.0 8.4 9.1 9.9 10.5 11.0 12.0 13.0 14.0 15.0 17.0 18.0 21.0 21.0 23.0 25.0 27.0 30.0 33 36 39 D4 D5 E1 E2 E4 E5 F1 F2 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 M5 N1 N2 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323
Marking Code
Package
STAD-JAN.10.2006
PAGE . 2
MMBZ5229AW SERIES
TEMPERATURE COEFFICIENT,(mA/ OC)
0.6
100
POWER DISSIPATION, Watts
0.5 0.4 0.3 0.2 0.1 0
10
0
25
50
75
100
125
150
1 10
100
TEMPERATURE ( OC)
NOMINAL ZENER VOLTAGE,VOLTS
Fig.1 STEADY STATE POWER DERATING
Fig.2 TEMPERATURE COEFFICENTS
1000
1000
LEAKAGE CURRENT,uA
10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
FORWARD CURRENT,mA
100
100
+150 C
O
+25 C -55 C
80 90
O
O
10
150OC
75 C
O
25OC
5OC
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
NORMAL ZENER VOLTAGE, VOLTS
FORWARD VOLTAGE, VOLTS
Fig.3 TYPICAL LEAKAGE CURRENT
Fig.4 TYPICAL FORWARD VOLTAGE
STAD-JAN.10.2006
PAGE . 3
MMBZ5229AW SERIES
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JAN.10.2006
PAGE . 4


▲Up To Search▲   

 
Price & Availability of MMBZ5229AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X